Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88933ALKI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88933ALKI
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933ALKI Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY88933ALKI Datasheet HTML 1Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 2Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 3Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 4Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 5Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 6Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 7Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 8Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel, Inc
SY88933AL
February 2007
7
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88933AL low-power limiting post amplifier
operates from a single +3.3V power supply, over
temperatures from –40
oC to +85oC. Signals with data
rates up to 1.25Gbps, and as small as 5mVpp, can be
amplified. Figure 1 shows the allowed input voltage
swing. The SY88933AL generates an SD output. SDLVL
sets the sensitivity of the input amplifier section.
Input Amplifier/Buffer
Figure 2 shows a simplified schematic of the
SY88933AL’s input stage. The high-sensitivity of the
input amplifier allows signals as small as 5mVpp to be
detected and amplified. The input amplifier also allows
input signals as large as 1800mVpp. Input signals are
linearly amplified with a typical 42dB differential voltage
gain. Since it is a limiting amplifier, the SY88933AL
outputs typically 1500mVpp voltage-limited waveforms
for input signals that are greater than 12mVpp.
Applications requiring the SY88933AL to operate with
high-gain should have the upstream TIA placed as close
as possible to the SY88933AL’s input pins to ensure the
best performance of the device.
Output Buffer
The SY88933AL’s PECL output buffer is designed to
drive 50
Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50
Ω
resistor to VCC–2V for each output pin provides this.
Figure 3 shows a simplified schematic of the output
stage.
Signal-Detect
The SY88933AL generates a chatter-free SD open-
collector TTL output with an internal 4.75k
Ω pull-up
resistor as shown in Figure 4. SD is used to determine
that the input amplitude is large enough to be
considered a valid input. SD asserts high if the input
amplitude rises above the threshold set by SDLVL and
de-asserts low otherwise. SD can be fed back to the
enable (EN) input to maintain output stability under a
loss of signal condition. EN de-asserts the true output
signal without removing the input signals. Typically,
3.4dB SD hysteresis is provided to prevent chattering.
Signal-Detect Level Set
A programmable SD level set pin (SDLVL) sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and SDLVL sets the
voltage at SDLVL. This voltage ranges from VCC to VREF.
The external resistor creates a voltage divider between
VCC and VREF, as shown in Figure 5.
Hysteresis
The SY88933AL provides typically 3.4dB SD electrical
hysteresis. By definition, a power ratio measured in dB
is 10log (power ratio). Power is calculated as V
2
IN/R for
an electrical signal. Hence, the same ratio can be stated
as 20log (voltage ratio). While in linear mode, the
electrical voltage input changes linearly with the optical
power and hence, the ratios change linearly. Therefore,
the optical hysteresis in dB is half the electrical
hysteresis in dB given in the data sheet. The
SY88933AL is an electrical device, and this data sheet
refers to hysteresis in electrical terms. With 3.4dB SD
hysteresis, a voltage factor of 1.5 is required to assert or
de-assert SD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com