Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5000 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 5000
Description  THRU HOLE MOUNT TEST POINTS - COLOR KEYED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

5000 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  5000 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Color keyed for visibility and quick identification
• Economical choice for PC test point terminations
• Snap-fit mounting provides positive retention for wave soldering
• Wire form loop for safe, non-slip testing
• Space saving, ultra low and low profile designs
• High profile design for difficult to reach applications
• Suitable for high density packaging on .062 (1.57) and .093 (2.36) PC boards
• Practical replacement for wire-wrap posts and turrets
• Secure grip for J hooks, EZ hooks, grabbers, alligator clips, tips or probes
• High temperature nylon base ideal for reflow soldering
• Ideal for reliable production testing and field service troubleshooting
SPECIFICATIONS
Terminal:
.010 (.25)
× .020 (.51) Phosphor Bronze,
Silver Plate
Base: Nylon 46, UL Rated 94V-0
Mtg. Hole: .040 (1.0) Diameter
.350
[8.9]
.120
[3.0]
.220
[5.6]
.070 [1.80] I.D.
.125 [3.2] DIA.
COMPACT
COLOR KEYED
MINIATURE
MULTIPURPOSE
SPECIFICATIONS
Terminal:
.015 (.38)
× .032 (.81) Phosphor Bronze,
Silver Plate
Base: Nylon 46, UL Rated 94V-0
Mtg. Hole: .063 (1.6) Diameter
SPECIFICATIONS
Terminal:
.015 (.38)
× .032 (.81) Phosphor Bronze,
Silver Plate
Base: Nylon 46, UL Rated 94V-0
Mtg. Hole: .063 (1.6) Diameter
MATERIAL: .017 (.43) Dia.
Phosphor Bronze Silver plate
Mtg Hole: .040 (1.0)
MATERIAL: .020 (.50) Dia.
Phosphor Bronze Silver plate
Mtg Hole: .073 (1.85)
MATERIAL: .016 (.40)
× .028
(.71) Phosphor Bronze Silver plate
Mtg Hole: .040 (1.0)
MATERIAL: .020 (.50) Dia.
Phosphor Bronze Silver plate
Mtg Hole: .114 (2.9)
ULTRA LOW PROFILE
.200 [5.1]
REF.
.350
[8.9]
.094 [2.4] DIA.
SHOWN AS
INSTALLED INTO
.040 [1.02] DIA.
MOUNTING HOLE
.100 [2.5]
REF.
.200 [5.1]
.100 [2.5] DIA.
SHOWN AS
INSTALLED INTO
.040 [1.02] DIA.
MOUNTING HOLE
SHOWN AS
INSTALLED INTO
.112 [2.84] TO .116 [2.95] DIA.
MOUNTING HOLE
.150 [3.8]
.400
[10.2]
.250 [6.4]
REF.
SHOWN AS
INSTALLED INTO
.067 [1.70] TO .078 [1.98] DIA.
MOUNTING HOLE
.100 [2.5]
.350
[8.9]
.200 [5.1]
REF.
LOW PROFILE
.180
[4.6]
.120
[3.0]
.300
[7.6]
.100 [2.5] DIA.
.050 [1.25] I.D.
.445
[11.3]
.120
[3.0]
.320
[8.1]
.070 [1.80] I.D.
.125 [3.2] DIA.
CAT.
BASE
CAT.
BASE
NO.
COLOR
NO.
COLOR
5000
RED
5115
BROWN
5001
BLACK
5116
GREEN
5002
WHITE
5117
BLUE
5003
ORANGE
5118
GREY
5004
YELLOW
5119 PURPLE
CAT.
BASE
CAT.
BASE
NO.
COLOR
NO.
COLOR
5005
RED
5120
BROWN
5006
BLACK
5121
GREEN
5007
WHITE
5122
BLUE
5008
ORANGE
5123
GREY
5009
YELLOW
5124 PURPLE
CAT.
BASE
CAT.
BASE
NO.
COLOR
NO.
COLOR
5010
RED
5125
BROWN
5011
BLACK
5126
GREEN
5012
WHITE
5127
BLUE
5013
ORANGE
5128
GREY
5014
YELLOW
5129 PURPLE
56
CAT. NO. 5021
CAT. NO. 5020
CAT. NO. 5023
CAT. NO. 5024
STANDARD
LARGE
CAT. NO.
COLOR
5044
NONE
5045
RED
5046
BLACK
5048
SCREW INSTALLED
MATERIAL: Clip: Steel, Nickel Plate; Insulator: Vinyl
JAW SPREAD
.236 (6.0) max.
JAW SPREAD
.315 (8.0) max.
ALLIGATOR CLIPS
CAT. NO. COLOR
5033
NONE
5034
RED
5035
BLACK
5036
GREEN
5037
YELLOW
CAT. NO. COLOR
5038
NONE
5039
RED
5040
BLACK
JAW SPREAD
.236 (6.0) max.
1.97 (50.0)
5048 only
.445
(11.3)
1.40 (35.5)
.335 (8.5)
1.06 (27.0)
.295 (7.5)
SMALL CLIP
MEDIUM CLIP
LARGE CLIP
• Solder connection with strain relief • Insulated or non-insulated
• Large clip also accepts standard banana plug


Similar Part No. - 5000

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
More results

Similar Description - 5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014 ETC2-5014 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Maxim Integrated Produc...
MAX1473EVKIT MAXIM-MAX1473EVKIT Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX6651EVCMAXQU MAXIM-MAX6651EVCMAXQU Datasheet
252Kb / 8P
Convenient On-Board Test Points
Rev 1; 5/07
MAX14550EEVKIT MAXIM-MAX14550EEVKIT Datasheet
1,008Kb / 6P
Test Points for Easy Evaluation
Rev 0; 9/09
MAX31889EVSYS MAXIM-MAX31889EVSYS Datasheet
1Mb / 12P
Easy to Reach Test Points
319-100468; Rev 2; 11/20
logo
Keystone Electronics Co...
5020 KEYSTONE-5020 Datasheet
72Kb / 1P
THRU HOLE MOUNT UNINSULATED TEST POINT
5.26.05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com