Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3010LLSL-TL Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SI-3010LLSL-TL
Description  1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3010LLSL-TL Datasheet(HTML) 2 Page - Allegro MicroSystems

  SI-3010LLSL-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SI-3010LLSL
1.5 A, Ultra-Low-Dropout,
1~3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Lin
ear
Regulators
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2004, 2005 Allegro MicroSystems, Inc.
Recommended Operating Conditions
Min
Max Units
DC Input Voltage
1.4
3.6
V
Adjustable Output Volt. Range 1.1
3.3
V
DC Output Current
0
1.5
A
DC Bias Voltage
3.3
5.5
V
Operating Junction Temp.
-20
+100
°C
For the availability of parts meeting -40°C requirements,
contact Allegro’s Sales Representative.
Allowable Package Power Dissipation
This data sheet is based on Sanken data sheet SSJ-02412.
Leads 7 and 8 are soldered to
the PCB copper area and
provide heat sinking of the pass
transistor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com