Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3003 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
14
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
Unit: mm(inch)
4.470(0.176)
4.670(0.184)
6.700(0.264)
6.900(0.272)
1.700(0.067)
TYP
0.310(0.012)
0.530(0.021)
2.520(0.099)
2.820(0.111)
0.710(0.028)
0.910(0.036)
9.850(0.388)
10.150(0.400)
1.170(0.046)
1.370(0.054)
φ3.790(0.149)
3.890(0.153)
TO-220-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com