Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA-0515D Datasheet(PDF) 2 Page - Recom International Power

Part # RAA-0515D
Description  5 Watt 25.00 x 23.50mm Single & Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAA-0515D Datasheet(HTML) 2 Page - Recom International Power

  RAA-0515D Datasheet HTML 1Page - Recom International Power RAA-0515D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
RAA
Series
ECONOLINE
DC/DC-Converter
100
80
20
40
100
80
20
0
% of Rated Load
0
60
60
40
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load Line
RAA types
Tolerance Envelope
Package Style and Pinning (mm)
25.00
RECOM
RAA-0505S
****
20.32
4.00
1.02ø+0.05
10.00
2.54
5.08
1.59
2.35
20.32
1
3
5
2
2.54
1.60ø+0.15/–0
2.54
25.00
4.00
10.00
5.08
1.59
2.35
1
3
5
2
10.16
10.16
23.50
4
1
3
5
2
1.60ø+0.15/–0
2.54
RECOM
RAA-0505D
****
1
3
5
2
4
Top View
Bottom View
Top View
Bottom View
Single Output
Dual Output
Single & Dual Output
3rd angle
projection
Recommended Footprint Details
DIP Package Style
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
Vin
3
+Vout
+Vout
4
No Pin
Com
5
–Vout
–Vout
July-2006
121
www.recom-international.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com