Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC6601ST6RGB Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # SPC6601ST6RGB
Description  N- and P-Channel 20V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SPC6601ST6RGB Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  SPC6601ST6RGB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.1
1
10
0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.00
0.0
2
0.
04
0.
06
0.
08
0.
10
0
2468
10
ID = 2.5 A
VGS - Gate-to-Source Voltage (V)
ID = 2 A
0.01
0
1
6
8
2
4
10
30
0.1
Time (s)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-3
10-2
1
10
600
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
SPC6601ST6RGB
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com