Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC6602ST6RGB Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # SPC6602ST6RGB
Description  N- and P-Channel 20V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SPC6602ST6RGB Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SPC6602ST6RGB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SPC6602ST6RGB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Output Characteristics
On-Resistance vs. Drain Current
0
1
3
4
5
10
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 7 V
2 V
3 V
4 V
5 V
6 V
0.0
0.
06
0.
07
0.
08
0.
09
0.
1
0.
2
012
34
567
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
Transfer Characteristics
Capacitance
0
2
4
6
8
0
123
456
VGS - Gate-to-Source Voltage (V)
TC = - 55 °C
125 °C
25 °C
0
60
120
180
240
300
0
6
12
18
24
30
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
SPC6602ST6RGB
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com