Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV387DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVT
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV387DBVT Datasheet HTML 6Page - Texas Instruments TLV387DBVT Datasheet HTML 7Page - Texas Instruments TLV387DBVT Datasheet HTML 8Page - Texas Instruments TLV387DBVT Datasheet HTML 9Page - Texas Instruments TLV387DBVT Datasheet HTML 10Page - Texas Instruments TLV387DBVT Datasheet HTML 11Page - Texas Instruments TLV387DBVT Datasheet HTML 12Page - Texas Instruments TLV387DBVT Datasheet HTML 13Page - Texas Instruments TLV387DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 50 pF (unless otherwise noted)
Frequency (Hz)
-60
-40
-20
0
20
40
60
100
1k
10k
100k
1M
10M
c113
G = 1
G = 1
G = 10
G = 100
Figure 5-7. Closed-Loop Gain and Phase vs Frequency
Input Common Mode Voltage (V)
-3 -2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
3
-400
-200
0
200
400
600
800
1000
IB-
IB+
IOS
Figure 5-8. Input Bias Current vs Common-Mode Voltage
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
VS = r2.75 V, (V )
0.2 V d VCM d (V+) + 0.1 V
VS = r0.85 V, (V )
0.1 V d VCM d (V+)
C121
Figure 5-9. CMRR vs Temperature
Frequency (Hz)
0
20
40
60
80
100
120
140
160
10m 100m
1
10
100
1k
10k
100k
1M
10M
C134
CMRR
PSRR
PSRR
Figure 5-10. PSRR and CMRR vs Frequency
Time (1 s/div)
C130
Figure 5-11. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
1
2
3
4
5
7
10
20
20
100m
1
10
100
1k
10k
100k
c115
Figure 5-12. Input Voltage Noise Spectral Density vs Frequency
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com