Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239ADR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM239ADR
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM239ADR Datasheet(HTML) 3 Page - Texas Instruments

  LM239ADR Datasheet HTML 1Page - Texas Instruments LM239ADR Datasheet HTML 2Page - Texas Instruments LM239ADR Datasheet HTML 3Page - Texas Instruments LM239ADR Datasheet HTML 4Page - Texas Instruments LM239ADR Datasheet HTML 5Page - Texas Instruments LM239ADR Datasheet HTML 6Page - Texas Instruments LM239ADR Datasheet HTML 7Page - Texas Instruments LM239ADR Datasheet HTML 8Page - Texas Instruments LM239ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision W (October 2023) to Revision X (October 2023)
Page
• Added LM339B and LM2901B to Device Information Table for SOT-23/QFN....................................................1
Changes from Revision V (December 2022) to Revision W (October 2023)
Page
• Updated thermal tables for new package releases.............................................................................................6
• Changed Apps Input Voltage Range text to reference appnote....................................................................... 24
Changes from Revision U (November 2018) to Revision V (December 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document. ............... 1
• Added "B" version throughout. Added Device Family Table. .............................................................................1
Changes from Revision T (June 2015) to Revision U (November 2018)
Page
• Changed LM239x temperature range from 125°C to 85°C in Description section............................................. 1
• Changed data sheet title ....................................................................................................................................1
• Changed LM293AD to LM239AD in Device Comparison Table ........................................................................ 4
• Added Input Current and related footnote in Absolute Maximum Ratings .........................................................6
• Changed layout of Recommended Operating Conditions temperatures to separate rows.................................7
• Changed values in the Thermal Information table to align with JEDEC standards............................................ 8
• Added LM2901V and LMV2901AV to LM2901 Elect Char Table title to make more clear which devices are
covered............................................................................................................................................................. 13
• Changed "Dual" to "Quad" and removed "Absolute Maximum" wording and mention of Q100 in Overview
section text........................................................................................................................................................23
• Changed and corrected text in Feature Description section.............................................................................23
• Changed Example Values in Typical Application Design Parameters table .................................................... 24
• Added Receiving Notification of Documentation Updates section....................................................................27
Changes from Revision S (August 2012) to Revision T (June 2015)
Page
• Deleted Ordering Information table. .................................................................................................................. 1
• Added Military Disclaimer to Features list.......................................................................................................... 1
• Added Applications, Device Information table, Pin Configuration and Functions section, ESD Ratings table,
Thermal Information table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section. No
specification changes......................................................................................................................................... 1
www.ti.com
LM139, LM239, LM339, LM339B, LM139A, LM239A
LM339A, LM2901B, LM2901, LM2901AV, LM2901V
SLCS006X – OCTOBER 1979 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com