Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92201AMDRVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 3Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 10Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.6 Typical Characteristics
Vin(V)
2.5
3
3.5
4
4.5
5
5.5
0.55
0.57
0.59
0.61
0.63
0.65
0.67
0.69
0.71
0.73
0.75
Figure 6-1. Quiescent Current vs Input Voltage
Vin(V)
2.5
3
3.5
4
4.5
5
5.5
0.025
0.0275
0.03
0.0325
0.035
0.0375
0.04
0.0425
0.045
0.0475
Figure 6-2. Shutdown Current vs Input Voltage
Vin(V)
2.5
3
3.5
4
4.5
5
5.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
40% Duty
70% Duty
100% Duty
Figure 6-3. FB Voltage Accuracy
Junction Temperature(°C)
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
Figure 6-4. High-Side FET On Resistance vs
Junction Temperature
Junction Temperature(°C)
-60
-40
-20
0
20
40
60
80
100
120
140
130
140
150
160
170
180
190
200
210
220
230
240
250
Figure 6-5. Low-Side FET On Resistance vs
Junction Temperature
DUTY(%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
Figure 6-6. PWM duty cycle vs FB voltage
www.ti.com
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com