Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP384XG Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP384XG Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP384XG Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP384XG Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
3
Aug. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP384XG
VCC
GND
RT/CT
FB
CS
COMP
REF
OUTPUT
Package
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
-40 to 85oC
AP3842/3/4/5GM
AP3842/3/4/5GM-E1
3842/3/4/5GM
3842/3/4/5GM-E1
Tube
AP3842/3/4/5GMTR AP3842/3/4/5GMTR-E1
3842/3/4/5GM
3842/3/4/5GM-E1
Tape & Reel
DIP-8
-40 to 85
oC
AP3842/3/4/5GP
AP3842/3/4/5GP-E1
AP3842/3/4/5GP
AP3842/3/4/5GP-E1
Tube
Circuit Type
Package
P: DIP-8
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
AP384XG
-
TR: Tape and Reel
Blank: Tube
OSC
VREF
GOOD
LOGIC
OVER TEMP
PROTECT
INTERNAL
BIAS
2R
R
S/R
5V
REF
UVLO
2.50V
PWM
LATCH
CURRENT
SENSE
COMPARATOR
ERROR
AMP
34V
1V
S
R
Q
Q
3
1
2
4
5
7
8
6
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com