Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2302 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2302 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
1
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AP2302
General Description
The AP2302 linear regulator is designed to meet the
JEDEC specification SSTL-2 and SSTL-18 for termi-
nation of DDR-SDRAM. The regulator can sink or
source up to 3A current continuously, offers enough
current for most DDR applications. Output voltage is
designed to track the reference voltage within a 2%
(DDR I) and 3% (DDR II) tolerance for load regulation
while preventing shooting through on the output stage.
On-chip thermal limiting provides protection against a
combination of high current and ambient temperature
which would create an excessive junction temperature.
The AP2302, used in conjunction with series termina-
tion resistors, provides an excellent voltage source for
active termination schemes of high speed transmission
lines as those seen in high speed memory buses and
distributed backplane designs.
The AP2302 is available in SOIC-8, TO-252-5L and
TO-263-5L packages.
Features
·
Support Both DDR I (1.25VTT) and DDR II
(0.9VTT) Requirements
·
Source and Sink Current up to 3A
·
High Accuracy Output Voltage at Full-load
·
Adjustable VOUT by External Resistors
·
Shutdown
for
Standby
or
Suspend
Mode
Operation with High-impedance Output
Applications
·
DDR-SDRAM Termination
·
DDR-II Termination
·
SSTL-2 Termination
SOIC-8
TO-252-5L
TO-263-5L


Similar Part No. - AP2302

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
AP2302AGN ZPSEMI-AP2302AGN Datasheet
423Kb / 6P
N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
Capable of 2.5V gate drive, Lower Gate Charge
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
logo
A POWER MICROELECTRONIC...
AP2302AI APME-AP2302AI Datasheet
821Kb / 7P
20V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP2302

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
3A DDR Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
3A DDR Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com