Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS393 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS393 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
BCD Semiconductor Manufacturing Limited
Data Sheet
3
Aug. 2006 Rev. 1.6
Ordering Information (Continued)
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Differential Input Voltage
VID
40
V
Input Voltage
VIN
-0.3 to 40
V
Input Current (VIN < -0.3V) (Note 2)
IIN
50
mA
Output Short-Circuit Current to Ground
Continuous
Power Dissipation (TA=25
oC)
PD
DIP-8
780
mW
SOIC-8
660
TSSOP-8
570
Operating Junction Temperature
TJ
150
oC
Storage Temperature
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Note 2: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to
the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode
clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This
transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a
large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output
states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3 VDC
(at 25oC).
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
-40 to 85oC
AS393M
AS393M-E1
AS393M
AS393M-E1
Tube
AS393MTR
AS393MTR-E1
AS393M
AS393M-E1
Tape & Reel
AS393AM-E1
AS393AM-E1
Tube
AS393AMTR-E1
AS393AM-E1
Tape & Reel
DIP-8
AS393P
AS393P-E1
AS393P
AS393P-E1
Tube
AS393AP-E1
AS393AP-E1
Tube
TSSOP-8
AS393G-E1
EG3C
Tube
AS393GTR-E1
EG3C
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com