Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5901AF44 Datasheet(PDF) 15 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901AF44
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Datasheet(HTML) 15 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
15
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
AM5901A
3. Soft-Start Function
The soft-start is functioned by putting a capacitor
between
DEAD
terminal
and
GND,
the
maximum duty can be changed by attaching a
resistance to pin 4.
t = CDEAD * R (sec)
(R=65k
Ω)
4. Power-Off Operation
SPRT terminal is charged by setting OFF
terminal to "L". Then, switching of SW terminal
is terminated when the voltage of the SPRT
terminal has reached 1.245V (Typ.). Time to
disable switching depends on a capacitor of the
SPRT terminal and it can be calculated by the
expression:
t = CSPRT * VTH/IOFF (sec)
(VTH = 1.245V, IHV = 20µA)
5. Over-Voltage Protection Operation
When the voltage applied to BSEN terminal has
been 8.4V (Typ.), SPRT terminal is charged.
Then, switching of SW terminal is terminated
when the voltage of the SPRT terminal has
reached
1.245V
(Typ.).
Time
to
disable
switching depends on a capacitor of SPRT
terminal and it can be calculated by the
expression:
t = CSPRT * VTH/IHV (sec)
(VTH = 1.245V, IHV = 20µA)
PWM Power Supply Driver Circuit
This circuit detects a maximum output level of
drivers of four channels and performs the PWM
supply of load drive power supply. This circuit
uses
PNP
transistor,
Schottky
Diode
and
capacitor as external component.
"Empty" Detector Unit
When the voltage applied to BSEN terminal has
reached the detecting voltage or less. EMP
terminal varies from "H" to "L" (open collector
output). Hysteresis of 50mV (Typ.) is set to the
detecting
voltage
to
prevent
the
output
chattering.
The
detecting
voltage
varies
depending on SEL terminal as follows:
SEL Pin
Detecting
Voltage
Return
Voltage
L
2.2V (Typ.)
2.25V (Typ.)
High-Z
1.8V (Typ.)
1.85V (Typ.)
Application Information (Continued)
PSW
PWMFIL
36
37
44
47 F
2200pF
47
10pF
100k
HVcc
SBD
0.1 F
+
33 H
µ
µ
µ
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com