Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST9012 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST9012
Description  IC for System Reset Monolithic IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST9012 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST9012 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST9012 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST9012 Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MITSUMI
IC for System Reset PST90XX
IC for System Reset
Monolithic IC PST90XX Series
Outline
The function of this low voltage detection type IC is to accurately reset systems after detecting the supply
voltage at the time of switching power on and instantaneous power off in various CPU and other logic
systems. This IC, with its super low consumption current and high precision voltage detection capacity, is
most suited as a voltage check circuit for a number of products which use batteries.
Features
1. High precision voltage detection
VS±2.5% max.
2. Super low current consumption
ICCH=1.5µA typ. ICCL=1µA typ.
3. Low operating threshold voltage
0.7V max.
4. Hysteresis voltage is provided as a detect voltage
Vs
5% typ.
5. The detect voltage can be selected at your discretion at 0.1 V step within the range of 0.8 to 1.8V by the
following stipulation method.
PST90XX
Detected voltage value
(Example : for 0.8V ······ PST9008)
Packages
TO-92A (PST90
)
SOT-25A (PST90
N)
Applications
1. Reset circuits for microcomputers, CPUs and MPUs
2. Reset circuits for logic circuits
3. Battery voltage check circuits
4. Back-up power supply switching circuits
5. Level detection circuits
Pin Assignment
12
3
TO-92A
54
12
3
SOT-25A
(TOP VIEW)
1
VOUT
2
VCC
3
GND
Note : The pin 2 of SOT-25 package is a SUB terminal. Connect it to GND.
1
NC
2
SUB
3
GND
4
VOUT
5
VCC
November 9, 2001


Similar Part No. - PST9012

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
System Reset
PST9120 MITSUMI-PST9120 Datasheet
65Kb / 3P
System Reset
PST9121 MITSUMI-PST9121 Datasheet
65Kb / 3P
System Reset
PST9122 MITSUMI-PST9122 Datasheet
65Kb / 3P
System Reset
More results

Similar Description - PST9012

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
System Reset Monolithic IC PST70XX Series
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
SYSTEM RESET Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
System Reset Monolithic IC
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
System Reset Monolithic IC PST575
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
System Reset Monolithic IC PST611
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
IC for RegulatorReset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com