Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF18N50T Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FDPF18N50T
Description  N-Channel MOSFET Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FDPF18N50T Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FDPF18N50T Datasheet HTML 1Page - Inchange Semiconductor Company Limited FDPF18N50T Datasheet HTML 2Page - Inchange Semiconductor Company Limited FDPF18N50T Datasheet HTML 3Page - Inchange Semiconductor Company Limited FDPF18N50T Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISF1035
eq FDPF18N50T
N-Channel MOSFET Transistor
www.iscsemi.com
1
FEATURES
·
Drain Current –ID=18A@ TC=25℃
·
Drain Source Voltage- VDSS=500V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 0.265Ω(Max)@VGS= 10V
APPLICATIONS
·
Switch Mode Power Supply (SMPS)
·
Uninterruptible Power Supply (UPS)
·
Power Factor Correction (PFC)
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage-Continuous
±
30
V
ID
Drain Current-Continuous
18
A
IDM
Drain Current-Single Pluse
72
A
EAS
Single Pulse Avalanche Energy (note2)
945
mJ
IAS
Avalanche Current
(note1)
18
A
PD
Total Dissipation @TC=25℃
38.5
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
Notes
1.Repetitive rating:Pulse width limited by maximum junction temperature
2.L= 5.2mH,VDD= 50V,Rg=25Ω,Starting TJ=25℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.3
℃
/W


Similar Part No. - FDPF18N50T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDPF18N50T ONSEMI-FDPF18N50T Datasheet
1Mb / 11P
N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
More results

Similar Description - FDPF18N50T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com