Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTF3020-C/HG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FTF3020-C/HG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-C/HG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FTF3020-C/HG Datasheet HTML 3Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 4Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 5Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 6Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 7Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 8Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 9Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 10Page - NXP Semiconductors FTF3020-C/HG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 November
7
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-C
Y / Div. :
10V (A1, A2, A3, A 4); 5V (SSC)
Y / Div. :
5V (C1, C2, C3); 10V (SG, RG)
Line timing
Pixel timing
SSC
A1
A2
A3
A4
C1
C2
C3
SG
RG
Figure 5 - Start horizontal readout
Figure 4 - Vertical readout
—> time
—> time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com