Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2000
Description  22-bit GTL processor voltage clamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2000 Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2000 Datasheet HTML 1Page - NXP Semiconductors GTL2000 Datasheet HTML 2Page - NXP Semiconductors GTL2000 Datasheet HTML 3Page - NXP Semiconductors GTL2000 Datasheet HTML 4Page - NXP Semiconductors GTL2000 Datasheet HTML 5Page - NXP Semiconductors GTL2000 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
GTL2000
22-bit GTL processor voltage clamp
2
2000 Jan 25
853-2154 23030
FEATURES
Direct interface with TTL level
6.5Ω ON-state connection between port S
n and Dn
DESCRIPTION
The GTL2000 provides twenty-two bits of high-speed voltage
clamps. The low ON-state resistance of the clamp allows
connections to be made with minimal propagation delay.
The device is organized as one 22-bit voltage clamp. When S or D
is low the clamp is in the ON–state and a low resistance connection
exists between the S and D ports. When S port and D port are high,
the clamp is in the OFF-state and a very high impedance exists
between the S and D ports. When the D port is high, the voltage on
the S port is clamped to the applied reference voltage on the GREF
port.
FUNCTION TABLE
GREF
DREF
SREF4
Switch
Driven
Input
Output of
Driven Input
H
H
0 V
off
X
X
H
H
VTT
on
H
VTT1
H
H
VTT
nearly off
VTT
H2
L
L
VTT
on
L
L3
L
L
0 – VTT
off
X
X
H = High voltage level
L
= Low voltage level
X = Don’t Care
NOTES:
1. The output is not pulled up or pulled down.
2. The output is pulled up to VCC through an external resistor.
3. The driven output can be Sn or Dn; the output of drivn input
follows the input low.
4. GREF must be at least 1.5 V higher than SREF for proper switch
operation.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
SREF
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
S17
S18
S19
S20
S21
S22
GREF
DREF
GND
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
SA00521
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
Propagation delay
Sn to Dn
VDD1 = 3.3 V; VDD2 = 2.5 V;
VREF = 1.5 V; unloaded
1.5
ns
COFF
Channel capacitance (OFF-state)
VS = 1.5 V
7.5
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
48-Pin Plastic SSOP Type II
0
°C to +85°C
GTL2000 DL
SOT370–1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com