Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ-0912S/P Datasheet(PDF) 2 Page - Recom International Power

Part # RZ-0912S/P
Description  0.5 Watt SMD Isolated Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RZ-0912S/P Datasheet(HTML) 2 Page - Recom International Power

  RZ-0912S/P Datasheet HTML 1Page - Recom International Power RZ-0912S/P Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
15
July-2006
Typical Characteristics
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RZ
Series
100
0
40%
0%
100%
Total Output current (%)
40
Efficiency / Load
60%
80%
20%
20
60
80
0505
2405
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
2412
Total Output current (%)
0512
1212
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
0515
1215
2415
Total Output current (%)
11.10
Bottom View
0.55
Top View
15.24
5.35
14.70
2.54x4
7.30
1.65
10
7
2
4 5
9.00
7.90
8.15
7.40
RECOM
RZ-xxxxS
xxxx
1
2.54
12.00
1.80
10
7
24
15
1.20
1.20
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3rd angle
projection
Pin Connections
Pin #
Single
1
–Vin
2
+Vin
4-Vout
5-Vout
7
+Vout
10
NC
NC= No Connection
10 PIN SMD Package
RZ-xx05S
RZ-xx12S
RZ-xx15S
Recommended Footprint Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com