Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8613 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8613
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices AD8613 Datasheet HTML 13Page - Analog Devices AD8613 Datasheet HTML 14Page - Analog Devices AD8613 Datasheet HTML 15Page - Analog Devices AD8613 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
OP777/OP727/OP747
REV. D
–15–
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 16. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
OP727AR
–40°C to +85°C
8-Lead SOIC_N
R-8
OP727AR-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
OP727AR-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
OP727ARUZ
–40°C to +85°C
8-Lead TSSOP
RU-8
OP727ARUZ-REEL
–40°C to +85°C
8-Lead TSSOP
RU-8
OP727ARZ
–40°C to +85°C
8-Lead SOIC_N
R-8
OP727ARZ-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
OP727ARZ-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
OP747ARU
–40°C to +85°C
14-Lead TSSOP
RU-14
OP747ARU-REEL
–40°C to +85°C
14-Lead TSSOP
RU-14
OP747ARUZ
–40°C to +85°C
14-Lead TSSOP
RU-14
OP747ARUZ-REEL
–40°C to +85°C
14-Lead TSSOP
RU-14
OP747ARZ
–40°C to +85°C
14-Lead SOIC
R-14
OP747ARZ-REEL
–40°C to +85°C
14-Lead SOIC
R-14
OP747ARZ-REEL7
–40°C to +85°C
14-Lead SOIC
R-14
OP777ARMZ
–40°C to +85°C
8-Lead MSOP
RM-8
A1A
OP777ARMZ-REEL
–40°C to +85°C
8-Lead MSOP
RM-8
A1A
OP777ARZ
–40°C to +85°C
8-Lead SOIC_N
R-8
OP777ARZ-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
OP777ARZ-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com