Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCP8122SSAD Datasheet(PDF) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8122SSAD
Description  Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8122SSAD Datasheet(HTML) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8122SSAD Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8122SSAD Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8122SSAD Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual-Channel high Power LED Controller with DC-DC Converter
For Large LCD or 3D Display Panels
Page1 - 3
Rev. 1.3 Feb .27, 2018
OCP8122A
源于灿瑞 磁传天下
◼ General Description
The OCP8122A is dual channel LED driver
controller IC which loads the boost DC-DC controller
and the constant current control of LED driver designed
to build LED backlight for 3D LCD display mode
large-size LCD TV application.
The
OCP8122A
provides
two
independently
controlled LED drivers to achieve optimum efficiency.
The drive outputs are phase-shifted by 180 degree to
minimize current ripple in high power applications. The
OCP8122A
provides
independent
PWM
dimming
function for each channel and common analog dimming
control for both channels. It provides system design
flexibility for LCD-TV with local dimming or 3D display
mode.
The OCP8122A can be configured for Master-Slave
operation
to
support
multi-channel
applications.
Synchronization is achieved by a proprietary single-wire
interface which minimizes system components.
The
OCP8122A
provides
the
over-voltage
protection
(OVP),
Power
MOSFET
over-current
protection (OCP),
Output to ground short-circuit
protection, output over load protection, Soft-Start (SS),
under-voltage lock-out (UVLO), limited current condition
(LCC) protection, thermal shutdown protection (TSD). A
soft-start feature is provided to minimize in-rush current
during start-up.
The OCP8122A is available in SSOP-24L and
SOP-24L package, and it is RoHS compliant and 100%
lead Pb-free. Operating temperature range of the
OCP8122A is from -40°C to 85°C.
◼ Features
⚫
Wide Supply Voltage Range: 8.0V ~ 25V
⚫
Dual Channel DC-DC Controller
⚫
Drives One String of High Power LEDs per
Channel
⚫
Number of LEDs in series limited by external
MOSFETs rating
⚫
180 degree phase shift drive output between the
two channel
⚫
Independent PWM dimming control for each
channel
⚫
Common Analog Dimming for two channel
⚫
Constant Operation Frequency
⚫
Operation Frequency Synchronization
⚫
External Power MOSFET Over-Current
Protection
⚫
External enable control
⚫
Integrated high frequency oscillator
⚫
Over-voltage protection
⚫
Output to Return Short-circuit Protection
⚫
Output to Ground Short-circuit Protection
⚫
Output Over-Load Protection
⚫
Limited Current Condition Protection
⚫
Low in-rush current soft-start function
⚫
Under-voltage lock-out
⚫
Thermal shutdown
⚫
Fault Status Output
⚫
Low Standby current
⚫
TA= -40 ~ 85
℃
⚫
Available in SSOP-24L and SOP-24L Package
◼ Applications
⚫
LCD White LED Backlighting
⚫
LCD TVs
⚫
Automotive and Infotainment Displays
⚫
3D Mode Display LCD Panel


Similar Part No. - OCP8122SSAD

ManufacturerPart #DatasheetDescription
logo
Shanghai Orient-Chip Te...
OCP8121 ORIENT-CHIP-OCP8121 Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
OCP8121SAD ORIENT-CHIP-OCP8121SAD Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
OCP8129 ORIENT-CHIP-OCP8129 Datasheet
263Kb / 3P
High Current and High Efficiency Backlight WLED Controller For Medium or Large LCD Panels
Ver 1.2 Feb .27, 2018
OCP8129SAD ORIENT-CHIP-OCP8129SAD Datasheet
263Kb / 3P
High Current and High Efficiency Backlight WLED Controller For Medium or Large LCD Panels
Ver 1.2 Feb .27, 2018
More results

Similar Description - OCP8122SSAD

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Rohm
BD9415FS ROHM-BD9415FS Datasheet
2Mb / 34P
White LED Driver for 4Ch Large LCD Panels (DC/DC converter type)
logo
TDK Electronics
ALD-310012PJ125 TDK-ALD-310012PJ125 Datasheet
644Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ133 TDK-ALD-414012PJ133 Datasheet
621Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
Multi-Channel DC-DC Converter for LCD Panels
logo
Shanghai Orient-Chip Te...
OCP8121 ORIENT-CHIP-OCP8121 Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com