Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS0 Datasheet(PDF) 3 Page - Ouster Inc.

Part # OS0
Description  Ultra-Wide View High-Resolution Imaging Lidar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OUSTER [Ouster Inc.]
Direct Link  https://ouster.com/
Logo OUSTER - Ouster Inc.

OS0 Datasheet(HTML) 3 Page - Ouster Inc.

  OS0 Datasheet HTML 1Page - Ouster Inc. OS0 Datasheet HTML 2Page - Ouster Inc. OS0 Datasheet HTML 3Page - Ouster Inc. OS0 Datasheet HTML 4Page - Ouster Inc. OS0 Datasheet HTML 5Page - Ouster Inc. OS0 Datasheet HTML 6Page - Ouster Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Rate (Megabits per second)
(Low Data Rate Profile)
up to 23.6 Mbps (32 channel)
up to 44.6 Mbps (64 channel)
up to 86.6 Mbps (128 channel)
Data Rate (Megabits per second)
(Single Return Profile)
up to 65.6 Mbps (32 channel)
up to 128.5 Mbps (64 channel)
up to 254.3 Mbps (128 channel)
Data Per Point
Range, signal, reflectivity, near-infrared, channel, azimuth angle, timestamp
Timestamp Resolution
< 1 µs
Data Latency
< 10 ms
Connection
UDP over 1000Base-T or 1000Base-T1
Samples Per Second
100
Data Per Sample
3 axis gyro, 3 axis accelerometer
Timestamp Resolution
< 1 µs
Data Latency
< 10 ms
Additional Details
InvenSense IAM-20680HT; datasheet for more details:
https://invensense.tdk.com/download-pdf/iam-20680ht-datasheet/
Connection
TCP and HTTP APIs
Time Synchronization
Input sources:
• IEEE1588 Precision Time Protocol (PTP); Accuracy: <1 ms error
• gPTP; Accuracy: <1 ms error
• NMEA $GPRMC UART message support
• External PPS; Accuracy: <1 ms error
• Internal 10 ppm drift clock; Accuracy: <20 ppm error
Output sources:
• Configurable 1 - 60 Hz output pulse
Lidar Operating Modes
Hardware-triggered angle firing (guaranteed fixed resolution per rotation):
• x 512 @ 10 Hz or 20 Hz
• x 1024 @ 10 Hz or 20 Hz
• x 2048 @ 10 Hz
Additional Programmability
Multi-sensor Phase Lock
Azimuth Masking
Low-power Standby Mode
Queryable intrinsic calibration information:
• Beam angles
• IMU pose correction matrix
Power Consumption
14 - 20 W (22 W peak at startup, 28 W peak if operating at -40 °C)
Ouster recommends use of a power brick (no less than 30 W) if using in
extreme outdoor conditions."
Connector
Proprietary pluggable connector (Power + data + DIO)
IMU OUTPUT
CONTROL INTERFACE
MECHANICAL/ELECTRICAL
Note:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com