Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEB703AL Datasheet(PDF) 2 Page - Chino-Excel Technology

Part # CEB703AL
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEB703AL Datasheet(HTML) 2 Page - Chino-Excel Technology

  CEB703AL Datasheet HTML 1Page - Chino-Excel Technology CEB703AL Datasheet HTML 2Page - Chino-Excel Technology CEB703AL Datasheet HTML 3Page - Chino-Excel Technology CEB703AL Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CEP703AL/CEB703AL
Electrical Characteristics Tc = 25 C unless otherwise noted
Parameter
Symbol
Min
Units
Off Characteristics
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Body Leakage Current, Forward
Forward Transconductance
Gate Threshold Voltage
Static Drain-Source
On-Resistance
BVDSS
IDSS
IGSSR
IGSSF
17
14
1
3
-100
100
1
mΩ
V
nA
nA
µ
A
V
S
2
Gate Body Leakage Current, Reverse
On Characteristics b
Dynamic Characteristics c
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Switching Characteristics c
Turn-On Delay Time
Turn-Off Fall Time
Turn-Off Delay Time
Turn-On Rise Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Drain-Source Diode Characteristics and Maximun Ratings
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage b
Test Condition
VGS = 0V, ID = 250µA
VGS(th)
RDS(on)
gFS
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
IS
VSD
Typ
Max
30
VDS = 24V, VGS = 0V
VGS = 20V, VDS = 0V
VGS = -20V, VDS = 0V
VGS = VDS, ID = 250µA
VGS = 10V, ID = 25A
VGS = 4.5V, ID = 10A
VDS = 10V, ID = 25A
VDD = 15V, ID = 25A,
VGS = 10V, RGEN = 24Ω
VDS = 24V, ID = 25A,
VGS = 5V
VDS = 25V, VGS = 0V,
f = 1.0 MHz
VGS = 0V, IS = 25A
1340
270
82
18
4.4
83
16
23
13
120
30
10
3
4
40
1.3
30
30
22
mΩ
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
A
V
4
Notes :
a.Repetitive Rating : Pulse width limited by maximum junction temperature.
b.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com