Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4013BN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4013BN
Description  Dual D-type flip-flop
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4013BN Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4013BN Datasheet HTML 1Page - NXP Semiconductors HEF4013BN Datasheet HTML 2Page - NXP Semiconductors HEF4013BN Datasheet HTML 3Page - NXP Semiconductors HEF4013BN Datasheet HTML 4Page - NXP Semiconductors HEF4013BN Datasheet HTML 5Page - NXP Semiconductors HEF4013BN Datasheet HTML 6Page - NXP Semiconductors HEF4013BN Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
January 1995
4
Philips Semiconductors
Product specification
Dual D-type flip-flop
HEF4013B
flip-flops
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ O, O
5
110
220
ns
83 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
5
95
190
ns
68 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
SD → O
5
100
200
ns
73 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
SD → O
5
75
150
ns
48 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
CD → O
5
100
200
ns
73 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
CD → O
5
60
120
ns
33 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
60
ns
19 ns
+ (0,23 ns/pF) CL
15
20
40
ns
12 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com