Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN38N100Q2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXFN38N100Q2
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXFN38N100Q2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXFN38N100Q2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXFN38N100Q2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXFN38N100Q2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISFM1034
eq IXFN38N100Q2
isc N-Channel MOSFET Transistor
www.iscsemi.com
1
DESCRIPTION
·
Drain Current -ID= 38A@ TC=25℃
·
Drain Source Voltage
-VDSS= 1000V(Min)
·
Static Drain-Source On-Resistance
-RDS(on) = 250mΩ(Max)@VGS= 10V
APPLICATIONS
·
DC-DC converter
·
Switched-mode and resonant-mode power supplies
·
DC choppers
·
Pulse generators
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
1000
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-continuous@ TC=25℃
38
A
IDM
Pulse Drain Current
152
A
PD
Total Dissipation@TC=25℃
890
W
TJ
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
D
G
S
S
SOT-227 package


Similar Part No. - IXFN38N100Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN38N100Q2 IXYS-IXFN38N100Q2 Datasheet
565Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, Low Intrinsic Rg High dV/dt, Low trr
IXFN38N100Q2 IXYS-IXFN38N100Q2_08 Datasheet
141Kb / 4P
HiPerFET Power MOSFET
More results

Similar Description - IXFN38N100Q2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com