Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MITX-CORE-820 Datasheet(PDF) 25 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 25 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 21Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 22Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 23Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 24Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 25Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 26Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 27Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 28Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 29Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Chapter 2
MITX-CORE-820 Installation and Use (6806800M10D)
25
Hardware Preparation and Installation
2.1
Environmental and Power Requirements
The following environmental and power requirements are applicable to the MITX-CORE-820.
2.1.1
Environmental Requirements
The following table lists the environmental requirements that the board must meet when
operated in your particular system configuration.
Operating temperatures refer to the temperature of the air circulating around the
motherboard and not to the component temperature.
Product Damage
High humidity and condensation on surfaces cause short circuits.
Do not operate the product outside the specified environmental limits. Make sure the
product is completely dry and there is no moisture on any surface before applying
power.
Overheating and Damage of the Product
Operating the product without forced air cooling can lead to overheating and thus
damage of the product.
When operating the product, make sure that forced air cooling is available in the shelf.
Table 2-1 Environmental Requirements
Parameter
Operating
Non-Operating
Cooling Method
Forced air
Temp Cycle Class
-
-40°C to 85°C:500 cyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com