Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP245P Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 14 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
AE
cm^2
0.60
Core Effective Cross
Section Area
ALG
nH/T^2
234
Gapped Core Effective
Inductance
BM
mTesla
207
Maximum Operating
Flux Density
BP
mTesla
267
Peak Flux Density
BAC
mTesla
73
AC Flux Density for
Core Curves
LG
mm
0.28
Gap Length
LL
uHenries
17.7
Estimated Transformer
Primary Leakage
Inductance
LSEC
nHenries
20
Estimated Secondary
Trace Inductance
Secondary
Parameters
NSx
2.00
2.89
6.68
10.89 Secondary Number of
Turns
Rounded Down NSx
2
6
10 Rounded to Integer
Secondary Number of
Turns
Rounded
Down Vox
Volts
3.27
10.62
18.17 Auxiliary Output Voltage
for Rounded to Integer
NSx
Rounded Up NSx
3
7
11 Rounded to Next
Integer Secondary
Number of Turns
Rounded Up
Vox
Volts
5.16
12.51
20.05 Auxiliary Output Voltage
for Rounded to Next
Integer NSx
ODS Actual
Range
mm
0.64 -
1.03
0.51 -
0.81
0.25 -
0.40
0.20 -
0.32
Secondary Actual Wire
Diameter Range
Comment: Wire
diameter is greater than
recommended
maximum (0.40 mm)
and may overheat.
Tip: Consider a parallel
winding technique
(bifilar, trifilar), increase
size of transformer
(larger BW), reduce
margin (M).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com