Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78384 Datasheet(PDF) 2 Page - EPCOS

Part # B78384
Description  ISDN/x/DSL Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78384 Datasheet(HTML) 2 Page - EPCOS

  B78384 Datasheet HTML 1Page - EPCOS B78384 Datasheet HTML 2Page - EPCOS B78384 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
11
04/02
Application
I Use in TE and NT/PBX
I Matched to the ICs, e.g.
Infineon PEB/PSB 8091, 8191 and 8090;
AMD AM 79C30A and 79C32A;
MIETEC MTC 2072, 20276...20279
Features
I Complies with CCITT 1.430
I Remote power feeding to TE
Marking
I Manufacturer, middle block of ordering code,
date code
Packing
I 520-mm stick magazine
I Packing unit: 300 pcs.
Pinning
Technical data (electrical specifications at 25 °C)
Ordering code
B78384A1060A002
Type/Core
RM 5
N1 : N2 : N3 : N4
1 : 1 : 2 : 2
LH
mH
˜ 30
LS (typ.)
mH6
CK (typ.)
pF
120
CW (typ.)
pF
80
RDC (Line) (typ.)
W
1,6
RDC (IC) (typ.)
W
3,3
VT
kVAC
1,5
DI
DC (typ.)
mA
12
Operating temperature range
°C
–25/+85
FIN0168-C
8
7
6
5
4
3
2
1
19,5 max.
Layout recommendation
FIN0169-K
20,5
2,5
FIN0217-R-E
1
4
3
2
IC *
3
N
N4
*
N1
N2
8
5
6
7
Line
* = external connection
RM 5
B78384A1060A002
S0 Interface
ISDN Transformers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com