Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0G Datasheet(PDF) 15 Page - EPCOS

Part # C0G
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Datasheet(HTML) 15 Page - EPCOS

Back Button C0G Datasheet HTML 11Page - EPCOS C0G Datasheet HTML 12Page - EPCOS C0G Datasheet HTML 13Page - EPCOS C0G Datasheet HTML 14Page - EPCOS C0G Datasheet HTML 15Page - EPCOS C0G Datasheet HTML 16Page - EPCOS C0G Datasheet HTML 17Page - EPCOS C0G Datasheet HTML 18Page - EPCOS C0G Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Multilayer Ceramic Capacitors
28
10/02
C0G
560, pF
B37871K5561J0**
0,8
± 0,1
4000
16000
680, pF
B37871K5681J0**
0,8
± 0,1
4000
16000
820, pF
B37871K5821J0**
0,8
± 0,1
4000
16000
1,0 nF
B37871K5102J0**
0,8
± 0,1
4000
16000
1,2 nF
B37871K5122J0**
0,8
± 0,1
4000
16000
1,5 nF
B37871K5152J0**
0,8
± 0,1
4000
16000
1,8 nF
B37871K5182J0**
0,8
± 0,1
4000
16000
2,2 nF
B37871K5222J0**
0,8
± 0,1
4000
16000
2,7 nF
B37871K5272J0**
0,8
± 0,1
4000
16000
3,3 nF
B37871K5332J0**
0,8
± 0,1
4000
16000
3,9 nF
B37871K5392J0**
0,8
± 0,1
4000
16000
4,7 nF
B37871K5472J0**
1,2
± 0,1
3 0002)
120003)
5,6 nF
B37871K5562J0**
1,2
± 0,1
3 0002)
120003)
Ordering codes and packing for C0G, 50 VDC, nickel-barrier terminations
Case size 1206, 50 VDC
Chip thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
**
60
**
70
CR
Ordering code1)
mm
pcs/reel
pcs/reel
^
^
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 16.
2) Blister tape, 180-mm reel, ordering code **
62
3) Blister tape, 330-mm reel, ordering code **
72
^
^
C0G; 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com