Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM248 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM248
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM248 Datasheet(HTML) 3 Page - Texas Instruments

  LM248 Datasheet HTML 1Page - Texas Instruments LM248 Datasheet HTML 2Page - Texas Instruments LM248 Datasheet HTML 3Page - Texas Instruments LM248 Datasheet HTML 4Page - Texas Instruments LM248 Datasheet HTML 5Page - Texas Instruments LM248 Datasheet HTML 6Page - Texas Instruments LM248 Datasheet HTML 7Page - Texas Instruments LM248 Datasheet HTML 8Page - Texas Instruments LM248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
electrical characteristics at specified free-air temperature, VCC
± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
LM148
LM248
LM348
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Inp t offset oltage
V0
25
°C
1
5
1
6
1
6
mV
VIO
Input offset voltage
VO = 0
Full range
6
7.5
7.5
mV
I
Input offset current
V0
25
°C
4
25
4
50
4
50
nA
IIO
Input offset current
VO = 0
Full range
75
125
100
nA
I
Inp t bias c rrent
V0
25
°C
30
100
30
200
30
200
nA
IIB
Input bias current
VO = 0
Full range
325
500
400
nA
VICR
Common-mode input voltage range
Full range
±12
±12
±12
V
RL = 10 kΩ
25
°C
±12
±13
±12
±13
±12
±13
V
Maximum peak output voltage
RL ≥ 10 kΩ
Full range
±12
±12
±12
V
VOM
Maximum eak out ut voltage
swing
RL = 2 kΩ
25
°C
±10
±12
±10
±12
±10
±12
V
g
RL ≥ 2 kΩ
Full range
±10
±10
±10
A
Large-signal differential voltage
VO = ±10 V,
25
°C
50
160
25
160
25
160
V/mV
AVD
Large-signal differential voltage
amplification
VO = ±10 V,
RL= ≥ 2 kΩ
Full range
25
15
15
V/mV
ri
Input resistance‡
25
°C
0.8
2.5
0.8
2.5
0.8
2.5
M
Ω
B1
Unity-gain bandwidth
AVD = 1
25
°C
1
1
1
MHz
φm
Phase margin
AVD = 1
25
°C
60
°
60
°
60
°
CMRR
Common mode rejection ratio
VIC = VICRmin,
25
°C
70
90
70
90
70
90
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
VO = 0
Full range
70
70
70
dB
k
Supply-voltage rejection ratio
VCC
± = ±9 V to ±15 V,
25
°C
77
96
77
96
77
96
dB
kSVR
Su
ly-voltage rejection ratio
(
∆VCC±/∆VIO)
VCC
± = ±9 V to ±15 V,
VO = 0
Full range
77
77
77
dB
IOS
Short-circuit output current
25
°C
±25
±25
±25
mA
I
S ppl c rrent (fo r amplifiers)
No load
VO = 0
25
°C
2.4
4.5
2.4
4.5
mA
ICC
Supply current (four amplifiers)
No load
VO = VOM
25
°C
2.4
3.6
mA
VO1/VO2
Crosstalk attenuation
f = 1 Hz to 20 kHz
25
°C
120
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. Full range for TA is –55°C to 125°C for
LM148, –25
°C to 85°C for LM248, and 0°C to 70°C for LM348.
‡ This parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com