Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD06 Datasheet(PDF) 11 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp SD06 Datasheet HTML 10Page - SG Micro Corp SD06 Datasheet HTML 11Page - SG Micro Corp SD06 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE INFORMATION
SG Micro Corp
www.sg-micro.com
TX10000.000
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel
Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
SOIC-8
13″
12.4
6.4
5.4
2.1
4.0
8.0
2.0
12.0
Q1
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com