Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM339D
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339D Datasheet(HTML) 2 Page - Texas Instruments

  LM339D Datasheet HTML 1Page - Texas Instruments LM339D Datasheet HTML 2Page - Texas Instruments LM339D Datasheet HTML 3Page - Texas Instruments LM339D Datasheet HTML 4Page - Texas Instruments LM339D Datasheet HTML 5Page - Texas Instruments LM339D Datasheet HTML 6Page - Texas Instruments LM339D Datasheet HTML 7Page - Texas Instruments LM339D Datasheet HTML 8Page - Texas Instruments LM339D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
LM139
,, LM139A,, LM239,, LM239A
LM339, LM339A, LM2901, LM2901AV, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006N – OCTOBER 1979 – REVISED NOVEMBER 2006
ORDERING INFORMATION
VIOmax
ORDERABLE
TOP-SIDE
TA
MAX VCC
PACKAGE(1)
AT 25
°C
PART NUMBER
MARKING
PDIP – N
Tube of 25
LM339N
LM339N
Tube of 50
LM339D
SOIC – D
LM339
Reel of 2500
LM339DR
5 mV
30 V
SOP – NS
Reel of 2000
LM339NSR
LM339
SSOP – DB
Reel of 2000
LM339DBR
LM339
Tube of 90
LM339PW
TSSOP – PW
L339
Reel of 2000
LM339PWR
0
°C to 70°C
PDIP – N
Tube of 25
LM339AN
LM339AN
Tube of 50
LM339AD
SOIC – D
LM339A
Reel of 2500
LM339ADR
2 mV
30 V
SOP – NS
Reel of 2000
LM339ANSR
LM339A
SSOP – DB
Reel of 2000
LM339ADBR
L339A
Tube of 90
LM339APW
TSSOP – PW
L339A
Reel of 2000
LM339APWR
PDIP – N
Tube of 25
LM239N
LM239N
Tube of 50
LM239D
SOIC – D
LM239
5 mV
30 V
Reel of 2500
LM239DR
–25
°C to 85°C
Tube of 90
LM239PW
TSSOP – PW
L239
Reel of 2000
LM239PWR
Tube of 50
LM239AD
2 mV
30 V
SOIC – D
LM239A
Reel of 2500
LM239ADR
PDIP – N
Tube of 25
LM2901N
LM2901N
Tube of 50
LM2901D
SOIC – D
LM2901
Reel of 2500
LM2901DR
7 mV
30 V
SOP – NS
Reel of 2000
LM2901NSR
LM2901
Tube of 90
LM2901PW
–40
°C to 125°C
TSSOP – PW
L2901
Reel of 2000
LM2901PWR
SOIC – D
Reel of 2500
LM2901VQDR
L2901V
7 mV
32 V
TSSOP – PW
Reel of 2000
LM2901VQPWR
L2901V
SOIC – D
Reel of 2500
LM2901AVQDR
L2901AV
2 mV
32 V
TSSOP – PW
Reel of 2000
LM2901AVQPWR
L2901AV
CFP – W
Tube of 25
LM139W
LM139W
CDIP – J
Tube of 25
LM139J
LM139J
5 mV
30 V
LCCC – FK
Tube of 55
LM139FK
LM139FK
Tube of 50
LM139D
SOIC – D
LM139D
Reel of 2500
LM139DR
–55
°C to 125°C
CFP – W
Tube of 25
LM139AW
LM139AW
CDIP – J
Tube of 25
LM139AJ
LM139AJ
2 mV
30 V
LCCC – FK
Tube of 55
LM139AFK
LM139AFK
Tube of 50
LM139AD
SOIC – D
LM139AD
Reel of 2500
LM139ADR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com