Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018 Datasheet(PDF) 29 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 29 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 25Page - ESS Technology,Inc ES9018 Datasheet HTML 26Page - ESS Technology,Inc ES9018 Datasheet HTML 27Page - ESS Technology,Inc ES9018 Datasheet HTML 28Page - ESS Technology,Inc ES9018 Datasheet HTML 29Page - ESS Technology,Inc ES9018 Datasheet HTML 30Page - ESS Technology,Inc ES9018 Datasheet HTML 31Page - ESS Technology,Inc ES9018 Datasheet HTML 32Page - ESS Technology,Inc ES9018 Datasheet HTML 33Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
29
Vista™
High Definition
Vista™
High Definition
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1.
TA=25
oC, AVCC=3.3V, DVCC=1.2V, fs =44.1kHz, MCLK=27Mhz and 32-bit data
2.
SNR/DNR: A-weighted over 20-20kHz in averaging mode
3.
THD+N: un-weighted over 20-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
MCLK (PCM normal mode)
>192
fs
MCLK (PCM OSF bypass mode)
>24
fs
MCLK (DSD mode)
>3
fs
MCLK (SPDIF mode)
>386
fs
DYNAMIC PERFORMANCE
DNR (mono differential current mode)
-60dBFS
135
dB-A
DNR (stereo differential current mode)
-60dBFS
133
dB-A
DNR (8-ch differential current mode)
-60dBFS
129
dB-A
DNR (8-ch differential voltage mode)
-60dBFS
120
dB-A
THD+N (differential current mode)
0dBFS
-120
dB
THD+N (differential voltage mode)
0dBFS
-108
dB
PCM sampling frequency (normal mode)
500
kHz
PCM sampling frequency (OSF bypass)
1.536
MHz
-126dBFS
±0.3
dB
Level Linearity Error
-138dBFS
±1.0
dB
ANALOG OUTPUT
Differential voltage output range
Full-scale out
3.05
(0.924*AVCC)
V pp
Differential voltage output offset
Bipolar zero out
1.65
(AVCC/2)
V
Differential current output range (Note *1)
Full-scale out
3.903
mA pp
Differential current output offset (Note *1)
Bipolar zero out
to virtual ground
at voltage Vg (V)
2.112 –
1000*Vg/781.25
mA
Digital Filter Performance
De-emphasis error
±0.2
dB
Mute Attenuation
127
dB
PCM Filter Characteristics (Sharp Roll Off)
±0.003dB
0.454
fs
Pass band
-3dB
0.49
fs
Stop band
< -115dB
0.546
fs
Group Delay
35/fs
s
PCM Filter Characteristics (Slow Roll Off)
±0.05dB
0.308
fs
Pass band
-3dB
0.454
fs
Stop band
< -100dB
0.814
fs
Group Delay
6.25/fs
s
DSD Filter Characteristics
Pass band
-3dB
50/60/70
kHz
Stop band attenuation
18
dB/oct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com