Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45194 Datasheet(PDF) 2 Page - EPCOS

Part # B45194
Description  Tantalum Chip Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45194 Datasheet(HTML) 2 Page - EPCOS

  B45194 Datasheet HTML 1Page - EPCOS B45194 Datasheet HTML 2Page - EPCOS B45194 Datasheet HTML 3Page - EPCOS B45194 Datasheet HTML 4Page - EPCOS B45194 Datasheet HTML 5Page - EPCOS B45194 Datasheet HTML 6Page - EPCOS B45194 Datasheet HTML 7Page - EPCOS B45194 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30
10/02
Tantalum Chip Capacitors
Low Profile; Hmax = 2 mm; Standard and Low ESR
Specifications and characteristics in brief
For characteristic curves see “General Technical Information”, page 107 ff.
Standard
Low ESR
Series
B45194E
B45194R
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Tinned
Rated voltage VR (up to 85 °C)
6,3 … 35 Vdc
6,3 … 20 Vdc
Rated capacitance CR
6,8 … 470
µF
22
… 470
µF
Capacitance tolerance
±10%, ± 20%
± 5% (on request)
±10%, ± 20%
± 5% (on request)
Operating temperature
– 55 … + 125
°C
– 55 … + 125
°C
Failure rate
At 40 °C;
≤ V
R, RS ≥ 3 Ω/V (1 fit = 1
. 10-9 failures/h)
CR · VR ≤ 330 µF · V
≤ 8 fit
≤ 8 fit
CR · VR > 330 µF · V
≤ 24 fit
≤ 24 fit
Service life
> 500 000 h
> 500 000 h
Leakage current
(VR, 5 min, 20 °C)
10 nA/
µC
10 nA/
µC
ESRmax (20 °C, 100 kHz)
—
150 … 400 m
Ω
IEC climatic category
To IEC 60068-1
55/125/56 (– 55 /+ 125
°C; 56 days damp heat test)
B45194



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com