Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X7R Datasheet(PDF) 15 Page - EPCOS

Part # X7R
Description  Multilayer ceramic capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 15 Page - EPCOS

Back Button X7R Datasheet HTML 11Page - EPCOS X7R Datasheet HTML 12Page - EPCOS X7R Datasheet HTML 13Page - EPCOS X7R Datasheet HTML 14Page - EPCOS X7R Datasheet HTML 15Page - EPCOS X7R Datasheet HTML 16Page - EPCOS X7R Datasheet HTML 17Page - EPCOS X7R Datasheet HTML 18Page - EPCOS X7R Datasheet HTML 19Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Multilayer ceramic capacitors
15
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering codes and packing for X7R, 50, 100, 200 and 500 VDC, nickel-barrier terminations
Chip thickness
Blister tape,
∅ 180-mm reel
Blister tape,
∅ 330-mm reel
**
62
**
72
CR1)
Ordering code2)
mm
pcs./reel
pcs./reel
Case size 1210, 50 VDC
10. nF
B37950K5103K0**
0.8
± 0.1
4000
16000
22. nF
B37950K5223K0**
0.8
± 0.1
4000
16000
47. nF
B37950K5473K0**
0.8
± 0.1
4000
16000
100. nF
B37950K5104K0**
0.8
± 0.1
4000
16000
220. nF
B37950K5224K0**
1.2
± 0.1
3000
12000
470. nF
B37950K5474K0**
1.2
± 0.1
3000
12000
Case size 1210, 100 VDC
10, nF
B37950K1103K0**
0.8
± 0.1
4000
16000
15. nF
B37950K1153K0**
0.8
± 0.1
4000
16000
22. nF
B37950K1223K0**
0.8
± 0.1
4000
16000
33. nF
B37950K1333K0**
0.8
± 0.1
4000
16000
47. nF
B37950K1473K0**
0.8
± 0.1
4000
16000
68. nF
B37950K1683K0**
0.8
± 0.1
4000
16000
100. nF
B37950K1104K0**
0.8
± 0.1
4000
16000
150. nF
B37950K1154K0**
1.2
± 0.1
3000
12000
Case size 1210, 200 VDC
3.9 nF
B37950K2392K0**
0.8
± 0.1
4000
16000
4.7 nF
B37950K2472K0**
0.8
± 0.1
4000
16000
6.8 nF
B37950K2682K0**
0.8
± 0.1
4000
16000
10. nF
B37950K2103K0**
0.8
± 0.1
4000
16000
15. nF
B37950K2153K0**
0.8
± 0.1
4000
16000
22. nF
B37950K2223K0**
1.2
± 0.1
3000
12000
33. nF
B37950K2333K0**
1.2
± 0.1
3000
12000
47. nF
B37950K2473K0**
1.6
± 0.1
2000
8000
Case size 1210, 500 VDC
1.0 nF
B37950K3102K0**
0.8
± 0.1
4000
16000
1.5 nF
B37950K3152K0**
0.8
± 0.1
4000
16000
2.2 nF
B37950K3222K0**
0.8
± 0.1
4000
16000
3.3 nF
B37950K3332K0**
0.8
± 0.1
4000
16000
4.7 nF
B37950K3472K0**
1.2
± 0.1
3000
12000
6.8 nF
B37950K3682K0**
1.2
± 0.1
3000
12000
10. nF
B37950K3103K0**
1.6
± 0.1
2000
8000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 3.
^
^
X7R; 1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com