Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP3 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # BSP3
Description  3-Pole LED Driver & Ballast Surge Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BSP3 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BSP3 Datasheet HTML 1Page - Hubbell Incorporated. BSP3 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.hubbelllightingcomponents.com
Pg 1 of 2
Copyright © 2019 Hubbell Lighting Components, a division of Hubbell Lighting, Inc.All rights reserved.
Lighting Components
BSP3 Series
BSP3-120 / BSP3-208-240 /
BSP3-277 BSP3-347 / BSP3-480
3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
BSP3 series products are designed to be used in conjunction with LED Drivers
to provide an additional level of protection against powerline disturbances in
industrial and commercial applications. BSP3 products also protect electronic
fluorescent and HID ballasts.
• The BSP3 Series are 3-leaded devices that protect Line-Ground, Line-Neutral,
and Neutral-Ground connections
• Protects against surges and transients per ANSI C62.41-2002 category C low
(6KV, 1.2/50μS & 3KA, 8/20μS) standard Combo waves and (6KV, 100KHz)
Ring wave
• Protects against surges and transients per new ANSI C82.77-5 2015 category
C medium (10KV, 1.2/50μS & 5KA, 8/20μS) standard Combo waves and (6KV,
100KHz) Ring wave
• UL Recognized Component in the United States and Canada (UL935, UL1029),
Some models Recognized to UL1449 (see below)
• High temperature, flameproof plastic enclosure, -40ºC to 85ºC ambient
temperature rating
• 120V Model: Protection for LED drivers capable of operating at 120V nominal
input voltage
• 240V Model: Protection for LED drivers capable of operating at 240V nominal
input voltage or with universal input range of 120V through 240V.
• 347V Model: Protection for LED drivers capable of operating at 347V nominal
input voltage or with universal input range of 277V through 347V
• 277V Model: Protection for LED drivers capable of operating at 277V input
voltage or with universal input range of 120V through 277V
• 480V Model: Protection for LED drivers capable of operating at 480V input
voltage or with universal input ranges of 277V through 480V or 347V through
480V
• Meets CSA22.2 No. 269.5-17 Surge Protection Devices
• No serviceable parts (Aucune pièce remplaçable ou réparable)
Model
Mains
Voltage
Continuous
Max Voltage Rating
Measured Limiting
Voltage
Mode: (MLV)
Nominal
Current
(In)
Max Clamping
Voltage
8/20 µS @ 10kA
UL1449
UL935/ UL1029
AC
DC
BSP3-120
120V
150
200
L-N: 610V
L-G: 610V
N-G: 610V
3kA
600
•
BSP3-208-240
240V
270
350
LA-LB: 1050V
LA-G: 1050V
LB-G: 1050V
3kA
1000
•
BSP3-277
277V
320
420
L-N: 1140V
L-G: 1140V
N-G: 1140V
3kA
1500
•
•
BSP3-347
347V
420
560
L-N: 1460V
L-G: 1460V
N-G: 1460V
3kA
1900
•
BSP3-480
480V
550
715
LA-LB: 1950V
LA-G: 1950V
LB-G: 1950V
3kA
2500
•
•
Features


Similar Part No. - BSP3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
3-Pole LED Driver & Ballast Surge Protectors
BSP3-208 ETC2-BSP3-208 Datasheet
761Kb / 1P
3-Pole LED Driver Ballast Surge Protectors, Enhanced
More results

Similar Description - BSP3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
Thyristor Surge Protectors
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
3-Pole LED Driver & Ballast Surge Protectors
FSP3-277-20KA ETC2-FSP3-277-20KA Datasheet
582Kb / 1P
Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com