Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82792 Datasheet(PDF) 2 Page - EPCOS

Part # B82792
Description  Data Line Chokes for Telecommunications xDSL Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82792 Datasheet(HTML) 2 Page - EPCOS

  B82792 Datasheet HTML 1Page - EPCOS B82792 Datasheet HTML 2Page - EPCOS B82792 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
68
04/02
Data Line Chokes for Telecommunications
UK0/UPN Interface; xDSL Transformers
General technical data
Characteristics and ordering codes
Rated voltage VR
42 Vac (50/60 Hz)
80 Vdc
Rated current IR
Referred to 50 Hz and 60
°C ambient temperature
Rated inductance LR
Measured with HP 4275A
at 10 kHz and10 mV
(specified per winding)
Inductance tolerance
–30/+50 %
Inductance decrease
∆L/L
0
< 10 % at dc magnetic bias with IR
Stray inductance LS
Measured at 10 kHz and 10 mV
DC resistance Rtyp
Typical values, measured at 20
°C ambient temperature
Solderability
(215 ± 3) °C, (3 ± 0,3) s
wetting of soldering area
≥ 95 %
in accordance with IEC 60068-2-58
Climatic category
40/125/56 (–40
°C/+125 °C/56 days damp heat test)
in accordance with IEC 60068-1
Weight
Approx. 2 g
LR
mH
LS, typ
nH
IR
mA
Rtyp
Ω
VT
Vdc, 2 s
Ordering code
4,7
500
600
0,4
1000
B82792C0475N365
6,8
500
600
0,5
750
B82792C0685N365
10
600
500
1,1
750
B82792C0106N365
22
800
200
1,6
750
B82792C0226N365
33
1500
100
2,0
750
B82792C0336N365
50
1700
100
2,6
750
B82792C0506N365
B82792C0...



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com