Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF102CU Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF102CU
Description  10V Precision Voltage Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF102CU Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF102CU Datasheet HTML 1Page - Burr-Brown (TI) REF102CU Datasheet HTML 2Page - Burr-Brown (TI) REF102CU Datasheet HTML 3Page - Burr-Brown (TI) REF102CU Datasheet HTML 4Page - Burr-Brown (TI) REF102CU Datasheet HTML 5Page - Burr-Brown (TI) REF102CU Datasheet HTML 6Page - Burr-Brown (TI) REF102CU Datasheet HTML 7Page - Burr-Brown (TI) REF102CU Datasheet HTML 8Page - Burr-Brown (TI) REF102CU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REF102
2
SBVS022A
www.ti.com
SPECIFIED
MAX INITIAL
MAX DRIFT
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (mV)
(PPM/
°C)
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
REF102AU
±10
±10
SO-8
D
–25
°C to +85°C
REF102AU
REF102AU
Tube, 100
"
±10
±10
SO-8
D
"
REF102AU/2K5
REF102AU/2K5
Tape and Reel, 2500
REF102AP
±10
±10
DIP-8
P
"
REF102AP
REF102AP
Tube, 50
REF102BU
±5
±5
SO-8
D
"
REF102BU
REF102BU
Tube, 100
"
±5
±5
SO-8
D
"
REF102BU/2K5
REF102BU/2K5
Tape and Reel, 2500
REF102BP
±5
±5
DIP-8
P
"
REF102BP
REF102BP
Tube, 50
REF102CU
±2.5
±2.5
SO-8
D
"
REF102CU
REF102CU
Tube, 100
"
±2.5
±2.5
SO-8
D
"
REF102CU/2K5
REF102CU/2K5
Tape and Reel, 2500
REF102CP
±2.5
±2.5
DIP-8
P
"
REF102CP
REF102CP
Tube, 50
PIN CONFIGURATIONS
Top View
DIP, SO
Input Voltage ...................................................................................... +40V
Operating Temperature
P, U ................................................................................. –25
°C to +85°C
Storage Temperature Range
P, U ............................................................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
(SO, 3s) ........................................................... +260
°C
Short-Circuit Protection to Common or V+ .............................. Continuous
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
8
7
6
5
1
2
3
4
NC = Not Connected
Noise Reduction
NC
V
OUT
Trim
NC
V+
Com
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com