Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF200AP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button REF200AP Datasheet HTML 2Page - Burr-Brown (TI) REF200AP Datasheet HTML 3Page - Burr-Brown (TI) REF200AP Datasheet HTML 4Page - Burr-Brown (TI) REF200AP Datasheet HTML 5Page - Burr-Brown (TI) REF200AP Datasheet HTML 6Page - Burr-Brown (TI) REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) REF200AP Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
®
REF200
6
FIGURE 3. 50
µA Current Source.
FIGURE 4. 200
µA, 300µA, and 400µA Floating Current Sources.
FIGURE 5. 50
µA Current Sinks.
300µA
100µA
4
5
3
In
Out
Com
Mirror
100µA
Compliance = 4V
(b)
400µA
100µA
4
5
3
In
Out
Com
Mirror
100µA
Compliance = 4V
(c)
(a)
200µA
100µA
100µA
(b)
50µA
100µA
4
5
3
In
Out
Com
Mirror
–V
S
100k
Ω
50µA
100µA
4
5
3
In
Out
Com
Mirror
(c)
Compliance to
–V + 5.1V
S
+V
S
–V
S
5.1V
1N4689
27k
Ω
0.01µF
100µA
4
5
3
In
Out
Com
Mirror
(a)
–V
S
Compliance to
–V + 5V
S
+V
S
100µA
50µA
Compliance to
Ground
–V
S
+V
S
100µA
I
OUT
100µA
50µA
4
5
3
In
Out
Com
Mirror



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com