Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8377A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8377A
Description  I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8377A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8377A Datasheet HTML 19Page - NXP Semiconductors TDA8377A Datasheet HTML 20Page - NXP Semiconductors TDA8377A Datasheet HTML 21Page - NXP Semiconductors TDA8377A Datasheet HTML 22Page - NXP Semiconductors TDA8377A Datasheet HTML 23Page - NXP Semiconductors TDA8377A Datasheet HTML 24Page - NXP Semiconductors TDA8377A Datasheet HTML 25Page - NXP Semiconductors TDA8377A Datasheet HTML 26Page - NXP Semiconductors TDA8377A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
1997 Jul 01
23
Philips Semiconductors
Preliminary specification
I2C-bus controlled economy PAL/NTSC
and NTSC TV-processors
TDA837x family
Table 16 Interlace
Table 17 Standby
Table 18 Synchronization mode
Table 19 Colour decoder mode
Table 20 Automatic volume levelling
(TDA8373 and TDA8374)
Table 21 RGB blanking mode (TDA8375 and TDA8377)
DL
STATUS
0
interlace
1
de-interlace
STB
MODE
0
standby
1
normal
POC
MODE
0
synchronization active
1
synchronization not active
CM2
CM1
CM0
DECODER MODE
0
0
0
not forced, own intelligence, two
crystals
0
0
1
forced crystal pin 34
(PAL/NTSC)
0
1
0
forced crystal pin 34 (PAL)
0
1
1
forced crystal pin 34 (NTSC)
1
0
0
forced crystal pin 35
(PAL/NTSC)
1
0
1
forced crystal pin 35 (PAL)
1
1
0
forced crystal pin 35 (NTSC)
1
1
1
forced SECAM crystal pin 35
AVL
LEVEL
0
automatic volume levelling not active
1
automatic volume levelling active
HBL
MODE
0
normal blanking with horizontal blanking
pulse
1
wider blanking to obtain well defined edges
Table 22 Black current stabilization
Table 23 Video identification mode
Table 24 Gain of luminance channel
Table 25 Vertical divider mode
Table 26 Search tuning mode
Table 27 Video identification mode
Table 28 Long blanking mode (TDA8374 and TDA8375)
AKB
STABILIZATION
0
black-current stabilization on
1
black-current stabilization off
VIM
VIDEO IDENT MODE
0
video identification coupled to the internal
CVBS input (pin 13)
1
video identification coupled to the selected
CVBS input
GAI
GAIN
0
normal gain of luminance channel
[V27 = 1.0 V (b-w)]
1
high gain of luminance channel
[V27 = 0.45 V (p-p)]
NCIN
VERTICAL DIVIDER MODE
0
normal operation of the vertical divider
1
vertical divider switched to search window
STM
SEARCH TUNING MODE
0
normal operation
1
reduced sensitivity of the coincidence
detector (bit SL)
VID
VIDEO IDENT MODE
0
video identification switches phase 1 loop on
and off
1
video identification not active
LBM
BLANKING MODE
0
blanking adapted to standard (50 or 60 Hz)
1
fixed blanking in accordance with 50 Hz
standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com