Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8402 Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 8402
Description  Light Weight, Voltage Mode, Triaxial Accelerometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

8402 Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  8402 Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 8402 Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 8402 Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TABS 1
2
3
4
5
6
7
8
9
10
HALF
TABS 1
2
3
4
5
6
7
8
9
10
FULL
Page 2/3
Annular Ceramic Shear Sensor – Light Weight, Voltage Mode, Triaxial Accelerometer, Type 8762A...
Kistler Instrument Corporation reserves the right to discontinue or change
specifications, designs or materials without notice consistent with sound en-
gineering principles and quality practices.
©2008, Kistler Instrument Corporation
, 75 John Glenn Dr., Amherst NY 14228
Tel 716-691-5100, Fax 716-691-5226, sales.us@kistler.com, www.kistler.com
Technical Data
Specification
Unit
Type 8762A5
Type 8762A10
Type 8762A50
Acceleration range
g
±5
±10
±50
Acceleration limit
gpk
±8
±16
±80
Threshold, nom.
grms
0.0003
0.00035
0.0012
Sensitivity, ±5 %
mV/g
1 000
500
100
Resonant frequency mounted, nom.
kHz
30
30
30
Frequency response, ±5 %
Hz
0.5 … 6000
0.5 … 6000
0.5 ... 6000
Amplitude non-linearity
%FSO
±1
±1
±1
Time constant, nom.
s
1
1
1
Transverse sensitivity, nom.
%
<5
<5
<5
Environmental
Base strain sensitivity @ 250 µe
g/µe
0.004
0.004
0.004
Shock limit (0.2 ms pulse)
gpk
5000
7000
7000
Temperature coefficient of sensitivity
%/°F
–0.03
–0.01
–0.01
Operating temperature range
°F
–65 … 175
–65 … 175
–65 … 175
Type 8762A...T
°F
–40 … 175
–40 … 175
–40 … 175
Output
Bias, nom.
VDC
11
11
11
Impedance
W
≤500
≤500
≤100
Voltage full scale
V
±5
±5
±5
Source
Voltage
VDC
20 … 30
20 … 30
20 … 30
Constant current
mA
2 ... 18
2 ... 18
2 ... 18
Construction
Sensing element
Type
ceramic-shear
ceramic-shear
ceramic-shear
Case/base
material
aluminum hard anodized aluminium hard anodized
aluminium hard anodized
Degree of protection case/connector
Type
epoxy
epoxy
epoxy
Connector
Type
4-pin pos.
4-pin pos.
4-pin pos.
Ground isolated
yes
yes
yes
Mass
grams
23
23
23
Mounting (10-32 thd.x4 dp)
Type
stud
stud
stud
1 g = 9.80665 m/s2, 1 inch = 25.4 mm, 1 gram = 0.03527 oz, 1 lbf-in = 0.1129 N∙m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com