Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4040B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4040B
Description  12-stage binary counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4040B Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4040B Datasheet HTML 1Page - NXP Semiconductors HEF4040B Datasheet HTML 2Page - NXP Semiconductors HEF4040B Datasheet HTML 3Page - NXP Semiconductors HEF4040B Datasheet HTML 4Page - NXP Semiconductors HEF4040B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
January 1995
4
Philips Semiconductors
Product specification
12-stage binary counter
HEF4040B
MSI
Note
1. For other loads than 50 pF at the nth output, use the slope given.
Minimum clock
5
50
25
ns
see also waveforms
Fig.4
pulse width; HIGH
10
tWCPH
30
15
ns
15
20
10
ns
Minimum MR
5
40
20
ns
pulse width; HIGH
10
tWMRH
30
15
ns
15
20
10
ns
Recovery time
5
40
20
ns
for MR
10
tRMR
30
15
ns
15
20
10
ns
Maximum clock
5
10
20
MHz
pulse frequency
10
fmax
15
30
MHz
15
25
50
MHz
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
400 fi +∑ (foCL) × VDD2
where
dissipation per
10
2 000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
5 200 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load cap. (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN. TYP. MAX.
TYPICAL EXTRAPOLATION
FORMULA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com