Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271ACPSRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC271ACPSRG4
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPSRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC271ACPSRG4 Datasheet HTML 1Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 2Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 3Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 4Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 5Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 6Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 7Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 8Page - Texas Instruments TLC271ACPSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
bias selection
Bias selection is achieved by connecting the bias select pin to one of three voltage levels (see Figure 1). For
medium-bias applications, it is recommended that the bias select pin be connected to the midpoint between the
supply rails. This procedure is simple in split-supply applications, since this point is ground. In single-supply
applications, the medium-bias mode necessitates using a voltage divider as indicated in Figure 1. The use of
large-value resistors in the voltage divider reduces the current drain of the divider from the supply line. However,
large-value resistors used in conjunction with a large-value capacitor require significant time to charge up to
the supply midpoint after the supply is switched on. A voltage other than the midpoint can be used if it is within
the voltages specified in Figure 1.
VDD
1 M
Ω
1 M
Ω
0.01
µF
Low
Medium
High
To the Bias
Select Pin
BIAS MODE
BIAS-SELECT VOLTAGE
(single supply)
Low
Medium
High
VDD
1 V to VDD – 1 V
GND
Figure 1. Bias Selection for Single-Supply Applications
high-bias mode
In the high-bias mode, the TLC271 series features low offset voltage drift, high input impedance, and low noise.
Speed in this mode approaches that of BiFET devices but at only a fraction of the power dissipation. Unity-gain
bandwidth is typically greater than 1 MHz.
medium-bias mode
The TLC271 in the medium-bias mode features low offset voltage drift, high input impedance, and low noise.
Speed in this mode is similar to general-purpose bipolar devices but power dissipation is only a fraction of that
consumed by bipolar devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com