Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL080IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL080IP
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080IP Datasheet(HTML) 3 Page - Texas Instruments

  TL080IP Datasheet HTML 1Page - Texas Instruments TL080IP Datasheet HTML 2Page - Texas Instruments TL080IP Datasheet HTML 3Page - Texas Instruments TL080IP Datasheet HTML 4Page - Texas Instruments TL080IP Datasheet HTML 5Page - Texas Instruments TL080IP Datasheet HTML 6Page - Texas Instruments TL080IP Datasheet HTML 7Page - Texas Instruments TL080IP Datasheet HTML 8Page - Texas Instruments TL080IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL080
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS368 – JUNE 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (see Note 1): VCC+
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC–
–18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Notes 1 and 3)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current (see Note 4)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 5 and 6)
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–.
2. Differential voltages are at IN+ with respect to IN–.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output can be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
6. The package thermal impedance is calculated in accordance with JESD 51-7.
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
RS =50 Ω
25
°C
3
15
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
20
mV
a
V
IO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω
Full range
18
µV/°C
IIO
Input offset current‡
VO =0
25
°C
5
200
pA
IIO
Input offset current‡
VO = 0
Full range
2
nA
IIB
Input bias current‡
VO =0
25
°C
30
400
pA
IIB
Input bias current‡
VO = 0
Full range
10
nA
VICR
Common-mode input voltage range
25
°C
±11
–12
to 15
V
RL = 10 kΩ
25
°C
±12 ±13.5
VOM
Maximum peak output voltage swing
RL ≥ 10 kΩ
Full range
±12
V
RL ≥ 2 kΩ
Full range
±10
±12
AVD
Large signal differential voltage amplification
VO = ±10 V RL ≥ 2kΩ
25
°C
25
200
V/mV
AVD
Large-signal differential voltage amplification
VO = ±10 V, RL ≥ 2 kΩ
Full range
15
V/mV
B1
Unity-gain bandwidth
25
°C
3
MHz
ri
Input resistance
25
°C
1012
CMRR
Common-mode rejection ratio
VIC = VICRmin,
VO = 0, RS = 50 Ω
25
°C
70
86
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
VCC = ±15 V to ±9 V,
VO = 0, RS = 50 Ω
25
°C
70
86
dB
ICC
Supply current
VO = 0,
No load
25
°C
1.4
2.8
mA
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range for TA is
–40
°C to 85°C.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 5. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com