Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL070IP Datasheet(PDF) 12 Page - Texas Instruments

Part # TL070IP
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL070IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL070IP Datasheet HTML 8Page - Texas Instruments TL070IP Datasheet HTML 9Page - Texas Instruments TL070IP Datasheet HTML 10Page - Texas Instruments TL070IP Datasheet HTML 11Page - Texas Instruments TL070IP Datasheet HTML 12Page - Texas Instruments TL070IP Datasheet HTML 13Page - Texas Instruments TL070IP Datasheet HTML 14Page - Texas Instruments TL070IP Datasheet HTML 15Page - Texas Instruments TL070IP Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
75
µF
100
Ω
100
Ω
Input
Output
68 k
Ω
MIN
100 k
Ω
Treble
MAX
0.003
µF
0.003
µF
3.3 k
Ω
10 k
Ω
0.03
µF
MAX
Bass
100 k
Ω
MIN
10 k
Ω
10 k
Ω
0.03
µF
47
µF
Gain
5 k
Ω
VCC–
VCC+
220 k
Ω
0.00375
µF
0.01
µF
1
µF
27 k
Ω
10 pF
47 k
Ω
50 pF
Balance
TL070
+
–
+
+
VCC–
VCC+
10 pF
TL070
–
+
Figure 25. IC Preamplifier
MIN Bass
–25
f – Frequency – Hz
25
–20
–15
–10
–5
0
5
10
15
20
MAX Bass
IC PREAMPLIFIER
RESPONSE CHARACTERISTICS
MIN
Treble
MAX
Treble
VCC
± = ±15 V
TA = 25°C
See Figure 25
20 40
100 200 400
1 k 2 k
4 k
10 k 20 k
Figure 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com