Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC080 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC080 Datasheet HTML 29Page - Texas Instruments TLC080 Datasheet HTML 30Page - Texas Instruments TLC080 Datasheet HTML 31Page - Texas Instruments TLC080 Datasheet HTML 32Page - Texas Instruments TLC080 Datasheet HTML 33Page - Texas Instruments TLC080 Datasheet HTML 34Page - Texas Instruments TLC080 Datasheet HTML 35Page - Texas Instruments TLC080 Datasheet HTML 36Page - Texas Instruments TLC080 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I – SEPTEMBER 1991 – REVISED AUGUST 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1.36
1.28
0.028
0.032
–75
– 50
– 25
0
25
50
1.44
1.48
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
1.52
75
100
125
1.4
1.32
0.036
0.024
0.020
0.040
TA – Free-Air Temperature – °C
VCC = 7 V
VCC = 5.5 V
RL = 0
VCC = 4.3 V
Figure 6
50
40
20
10
0
90
30
04
8
12
70
60
80
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
100
16
20
110
120
IOL – Low-Level Output Current – mA
VCC = 1 V
VCC = 4.3 V
TA = 25°C
Figure 7
Figure 8
60
40
20
0
80
100
120
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–100
– 50
0
50
100
150
VCC = 4.3 V
IOL = 20 mA
IOL = 8 mA
IOL = 1 mA
TA – Free-Air Temperature – °C
Figure 9
0.006
0.004
0.002
0
0.75
0.8
0.85
0.9
0.008
0.01
OUTPUT CURRENT
vs
SUPPLY VOLTAGE
0.012
0.95
1
1.05
0.014
0.016
0.018
0.02
VCC – Supply Voltage – V
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com