Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC080CD Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC080CD
Description  FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC080CD Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC080CD Datasheet HTML 28Page - Texas Instruments TLC080CD Datasheet HTML 29Page - Texas Instruments TLC080CD Datasheet HTML 30Page - Texas Instruments TLC080CD Datasheet HTML 31Page - Texas Instruments TLC080CD Datasheet HTML 32Page - Texas Instruments TLC080CD Datasheet HTML 33Page - Texas Instruments TLC080CD Datasheet HTML 34Page - Texas Instruments TLC080CD Datasheet HTML 35Page - Texas Instruments TLC080CD Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041I – SEPTEMBER 1991 – REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VCC
Supply voltage vs RESET output voltage
4
ICC
Supply current vs Supply voltage
5
ICC
Supply current vs Free-air temperature
6
VOL
Low-level output voltage vs Low-level output
current
7
VOL
Low-level output voltage vs Free-air temperature
8
IOL
Output current vs Supply voltage
9
VIT–
Input threshold voltage (negative-going VCC) vs Free-air
temperature
10
Vres
Power-up reset voltage vs Free-air temperature
11
Vres
Power-up reset voltage and supply voltage vs Time
12
Propagation delay time
13
Figure 4
3
2
1
0
012
3
4
5
4
5
SUPPLY VOLTAGE
vs
RESET OUTPUT VOLTAGE
6
67
7
8
TA = 25°C
IO = 0
VCC – Supply Voltage – V
Output
Undefined
Figure 5
1
0.5
0
01
2
3
4
1.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
2
56
7
TA = 25°C
IO = 0
VCC – Supply Voltage – V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com