Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5580IPW Datasheet(PDF) 7 Page - Texas Instruments

Part # TL5580IPW
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL5580IPW Datasheet HTML 3Page - Texas Instruments TL5580IPW Datasheet HTML 4Page - Texas Instruments TL5580IPW Datasheet HTML 5Page - Texas Instruments TL5580IPW Datasheet HTML 6Page - Texas Instruments TL5580IPW Datasheet HTML 7Page - Texas Instruments TL5580IPW Datasheet HTML 8Page - Texas Instruments TL5580IPW Datasheet HTML 9Page - Texas Instruments TL5580IPW Datasheet HTML 10Page - Texas Instruments TL5580IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
−20
−15
−10
−5
0
5
10
15
20
0
VCC+/VCC− − Operating Voltage − V
±5
±10
±20
±15
−VOM
TA = 25°C
RL = 2 kΩ
+VOM
0
1
2
3
4
5
6
7
±0
±14
±12
±10
±8
±6
±4
±2
±16
TA = 25°C
VCC+/VCC− − Operating Voltage − V
0.0001
0.001
0.01
0.1
0.1
1
10
VO − Output Voltage − V
VCC± = ±15 V
Gain = 20 dB
RL = 2 kΩ
20 Hz
1 kHz
20 kHz
0
5
10
15
20
25
30
35
40
45
10k
100k
1M
10M
−270
−240
−210
−180
−150
−120
−90
−60
−30
0
30
Frequency − Hz
VCC± = ±15 V
RL = 2 kΩ
40-dB Amplification
TA = 25°C
Gain
Phase
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
MAXIMUM OUTPUT VOLTAGE SWING
OPERATING CURRENT
vs
vs
OPERATING VOLTAGE
OPERATING VOLTAGE
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION
VOLTAGE GAIN, PHASE
vs
vs
OUTPUT VOLTAGE
FREQUENCY
Figure 11.
Figure 12.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com