Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5580IPE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL5580IPE4
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580IPE4 Datasheet(HTML) 3 Page - Texas Instruments

  TL5580IPE4 Datasheet HTML 1Page - Texas Instruments TL5580IPE4 Datasheet HTML 2Page - Texas Instruments TL5580IPE4 Datasheet HTML 3Page - Texas Instruments TL5580IPE4 Datasheet HTML 4Page - Texas Instruments TL5580IPE4 Datasheet HTML 5Page - Texas Instruments TL5580IPE4 Datasheet HTML 6Page - Texas Instruments TL5580IPE4 Datasheet HTML 7Page - Texas Instruments TL5580IPE4 Datasheet HTML 8Page - Texas Instruments TL5580IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC±
Supply voltage
±18
V
VI
Input voltage (any input)
±15
V
VID
Differential input voltage
±30
V
IO
Output current
±50
mA
D package
97
θ
JA
Package thermal impedance(2)(3)
P package
85
°C/W
PW package
149
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–60
125
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+
2
16
Supply voltage
V
VCC–
–2
–16
TA
Operating free-air temperature
–40
85
°C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com