Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM567C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM567C
Description  Tone Decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM567C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM567C Datasheet HTML 4Page - National Semiconductor (TI) LM567C Datasheet HTML 5Page - National Semiconductor (TI) LM567C Datasheet HTML 6Page - National Semiconductor (TI) LM567C Datasheet HTML 7Page - National Semiconductor (TI) LM567C Datasheet HTML 8Page - National Semiconductor (TI) LM567C Datasheet HTML 9Page - National Semiconductor (TI) LM567C Datasheet HTML 10Page - National Semiconductor (TI) LM567C Datasheet HTML 11Page - National Semiconductor (TI) LM567C Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AC Test Circuit
00697509
fi = 100 kHz + 5V
*Note: Adjust for fo = 100 kHz.
Applications Information
The center frequency of the tone decoder is equal to the free
running frequency of the VCO. This is given by
The bandwidth of the filter may be found from the approxi-
mation
Where:
V
i = Input voltage (volts rms), Vi
≤ 200mV
C
2 = Capacitance at Pin 2(µF)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com